KTA1725 rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? pnp ?? silicon pnp transistor in a to-220f plastic package. ktc4511 complementary to ktc4511. ?? high power amplifier application. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol r o h fe range 55 110 80 160 1 2 3
KTA1725 rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -80 v collector to emitter voltage v ceo -80 v emitter to base voltage v ebo -6.0 v collector current - continuous i c -6.0 a base current i b -3.0 a collector power dissipation p c (tc=25 ) 30 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage v ceo i c =-25ma i b =0 -80 v collector cut-off current i cbo v cb =-80v i e =0 -10 a emitter cut-off current i ebo v eb =-6.0v i c =0 -10 a dc current gain h fe v ce =-4.0v i c =-2.0a 55 160 collector to emitter saturation v oltage v ce(sat) i c =-2.0a i b =-0.2a -0.5 v transition frequency f t v ce =-12v i c =-0.5a 20 mhz collector output capacitance c ob v cb =-10v i e =0 f=1.0mhz 150 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
KTA1725 rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
KTA1725 rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
KTA1725 rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? a1725 ??? r: ? h fe ? **** ???? note: br: company code. a1725: product type. r: h fe classifications symbol. ****: lot no. code, code change with lot no. a1725 **** br r
KTA1725 rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm3) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices
|